Part Number Hot Search : 
009SMA NTE5348 2SD1616 IN4743 DMN600V DBUR0520 3J1H2 SM4006
Product Description
Full Text Search
 

To Download ADP3181 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller ADP3181
FEATURES
Selectable 2-, 3-, or 4-phase operation at up to 1 MHz per phase 14.5 mV worst-case mV differential sensing error over temperature Logic-level PWM outputs for interface to external high power drivers Active current balancing between all output phases Built-in power good/crowbar blanking supports on-the-fly VID code changes Digitally programmable output can be switched between VRM 9 (5-bit) and VRD 10 (6-bit) VID codes for ADP3181JRU. (VRD10 (6-bit) only for ADP3181JRQ) Programmable short circuit protection with programmable latch-off delay
FUNCTIONAL BLOCK DIAGRAM
VCC
28
RAMPADJ RT
14 13
ADP3181
EN 11 GND 19 DAC + 300mV CSREF CURRENTBALANCING CIRCUIT CMP RESET 2-/3-/4-PHASE DRIVER LOGIC RESET RESET CURRENT LIMIT
23 SW1 22 SW2 26 PWM2
UVLO SHUTDOWN AND BIAS
OSCILLATOR CMP SET RESET EN
27 PWM1
CMP DAC - 250mV CMP PWRGD 10 DELAY
25 PWM3
24 PWM4
CROWBAR
APPLICATIONS
Desktop PC power supplies for next-generation Intel processors VRM modules
ILIMIT 15 EN CURRENTLIMITING CIRCUIT
21 SW3 20 SW4 17 CSSUM 16 CSREF
DELAY 12
18 CSCOMP
SOFT START COMP 9
8 FB
PRECISION REFERENCE
VID DAC
1 2 3 4 5
04796-0-001
7
6
FBRTN CPUID
VID4 VID3 VID2 VID1 VID0
Figure 1.
GENERAL DESCRIPTION
The ADP3181 is a highly efficient multiphase synchronous buck-switching regulator controller optimized for converting a 12 V main supply into the core supply voltage required by high performance Intel processors. It uses an internal 6-bit DAC to read a voltage identification (VID) code directly from the processor, which is used to set the output voltage. The CPUID input selects whether the DAC codes match the VRM 9 or VRD 10 specifications. It uses a multimode PWM architecture to drive the logic-level outputs at a programmable switching frequency that can be optimized for VR size and efficiency. The phase relationship of the output signals can be programmed to provide 2-, 3-, or 4-phase operation, allowing for the construction of up to four complementary buck-switching stages. The ADP3181 also includes programmable no-load offset and slope functions to adjust the output voltage as a function of the load current so that it is always optimally positioned for a system transient. The ADP3181 provides accurate and reliable short-circuit protection, adjustable current limiting, and a delayed power good output that accommodates on-the-fly output voltage changes requested by the CPU. The device is specified over the commercial temperature range of 0C to +85C and is available in 28-lead QSOP (only VRD10 option) and TSSOP packages.
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c)2005 Analog Devices, Inc. All rights reserved.
ADP3181 TABLE OF CONTENTS
Specifications..................................................................................... 3 Test Circuits....................................................................................... 5 Absolute Maximum Ratings............................................................ 6 Pin Configuration and Function Descriptions............................. 7 Typical Performance Characteristics ............................................. 8 Theory of Operation ........................................................................ 9 Start-Up Sequence........................................................................ 9 Master Clock Frequency............................................................ 10 Output Voltage Differential Sensing ........................................ 10 Output Current Sensing ............................................................ 10 Active Impedance Control Mode............................................. 10 Current Control Mode and Thermal Balance ........................ 10 Voltage Control Mode................................................................ 11 Soft Start ...................................................................................... 12 Current Limit, Short Circuit, and Latch-Off Protection....... 12 Dynamic VID.............................................................................. 12 Power Good Monitoring ........................................................... 13 Output Crowbar ......................................................................... 13 Output Enable and UVLO ........................................................ 13 Applications..................................................................................... 15 Setting the Clock Frequency..................................................... 15 Soft Start and Current Limit Latch-Off Delay Times............ 15 Inductor Selection ...................................................................... 15 Designing an Inductor............................................................... 16 Output Droop Resistance.......................................................... 16 Inductor DCR Temperature Correction ................................. 17 Output Offset .............................................................................. 17 Cout Selection ............................................................................... 17 Power MOSFETS........................................................................ 18 Ramp Resistor Selection............................................................ 19 Current Limit Setpoint .............................................................. 20 Feedback Loop Compensation Design.................................... 20 CIN Selection and Input Current DI/DT Reduction .............. 21 Building a Switchable VR9/VR10 Design ............................... 22 Layout and Component Placement.............................................. 23 General Recommendations....................................................... 23 Outline Dimensions ....................................................................... 24 Ordering Guide .......................................................................... 24
REVISION HISTORY
7/05--Rev. 0 to Rev. A Added QSOP Package................................................................ 25 Change to Ordering Guide........................................................ 25 4/04--Revision 0: Initial Version
Rev. A | Page 2 of 24
ADP3181 SPECIFICATIONS
VCC = 12 V, FBRTN = GND, TA = 0C to +85C, unless otherwise noted. 1 Table 1.
Parameter ERROR AMPLIFIER Output Voltage Range 2 Accuracy Line Regulation Input Bias Current FBRTN Current Output Current Gain Bandwidth Product Slew Rate VID INPUTS Input Low Voltage Input High Voltage Input Current Pull-up Resistance Internal Pull-Up Voltage VID Transition Delay Time2 No CPU Detection Turn-Off Delay Time2 CPUID INPUT Input Low Voltage Input High Voltage VR 9 Detection Threshold Voltage Input Current Pull-Up Resistance OSCILLATOR Frequency Range2 Frequency Variation Symbol VCOMP VFB VFB IFB IFBRTN IO(ERR) GBW(ERR) Conditions Min 0.7 -14.5 0.05 15.5 100 500 20 25 Typ Max 3.1 +14.5 Unit V mV % 17 140 A A A MHz V/s V V V V A A k V V ns ns V V V A k MHz kHz kHz kHz V mV A mV nA MHz V/s V mV V A
Relative to nominal DAC output, referenced to FBRTN, CSSUM = CSCOMP. See Figure 3. VCC = 10 V to 14 V.
14 FB forced to VOUT - 3%. COMP = FB. CCOMP = 10 pF. CPUID > 4.5 V. CPUID < 4.0 V. CPUID > 4.5 V. CPUID < 4.0 V. VID(X) = 0 V, CPUID > 4.5 V. VID(X) = 0 V, CPUID < 4.0 V. CPUID > 4.5 V. CPUID < 4.0 V. VID code change to FB change. VID code change to 11111 to PWM going low.
VIL(VID) VIH(VID) IVID RVID
0.8 0.4 2.0 0.8 40 20 60 2.5 1.25 70 35 2.75 1.4
40 2.25 1.1 400 400
VIL(CPUID) VIH(CPUID) ICPUID RCPUID fOSC fPHASE CPUID = 0 V.
0.8 4.0 4.0 0.25 155 20 60
0.4 4.0 4.5 3.5
Output Voltage RAMPADJ Output Voltage RAMPADJ Input Current Range CURRENT SENSE AMPLIFIER Offset Voltage Input Bias Current Gain Bandwidth Product Slew Rate Input Common Mode Range Positioning Accuracy Output Voltage Range Output Current
VRT VRAMPADJ IRAMPADJ VOS(CSA) IBIAS(CSSUM) GBW(CSA)
TA = +25C, RT = 250 k, 4-phase. TA = +25C, RT = 115 k, 4-phase. TA = +25C, RT = 75 k, 4-phase. RT = 100 k to GND. RAMPADJ - FB.
1.9 -50 0 -3 -50
200 400 600 2.0
4 245
2.1 +50 100 +3 +50
CSSUM - CSREF. See Figure 2.
VFB ICSCOMP
CCSCOMP = 10 pF. CSSUM and CSREF. See Figure 4.
10 10 0 -77 0.05 -80 500 2.7 -83 2.7
Rev. A | Page 3 of 24
ADP3181
Parameter CURRENT BALANCE CIRCUIT Common Mode Range Input Resistance Input Current Input Current Matching CURRENT LIMIT COMPARATOR Output Voltage Normal Mode In Shutdown Output Current, Normal Mode Maximum Output Current2 Current Limit Threshold Voltage Current Limit Setting Ratio Delay Normal Mode Voltage Delay Overcurrent Threshold Latch-Off Delay Time SOFT START Output Current, Soft Start Mode Soft Start Delay Time ENABLE INPUT Input Low Voltage Input High Voltage Input Current, Input Voltage Low Input Current, Input Voltage High POWER GOOD COMPARATOR Undervoltage Threshold Overvoltage Threshold Output Low Voltage Power Good Delay Time During Soft Start2 VID Code Changing VID Code Static Crowbar Trip Point Crowbar Reset Point Crowbar Delay Time VID Code Changing VID Code Static PWM OUTPUTS Output Low Voltage Output High Voltage SUPPLY DC Supply Current UVLO Threshold Voltage UVLO Hysteresis Symbol VSW(X)CM RSW(X) ISW(X) ISW(X) Conditions Min -600 20 4 -5 Typ Max +200 40 10 +5 Unit mV k A %
SW(X) = 0 V. SW(X) = 0 V. SW(X) = 0 V.
30 7
VILIMIT(NM) VILIMIT(SD) IILIMIT(NM) VCL VDELAY(NM) VDELAY(OC) tDELAY IDELAY(SS) tDELAY(SS) VIL(EN) VIH(EN) IIL(EN) IIH(EN) VPWRGD(UV) VPWRGD(OV) VOL(PWRGD)
EN > 0.8 V, RILIMIT = 250 k. EN < 0.4 V, IILIMIT = -100 A. EN > 0.8 V, RILIMIT = 250 k. VCSREF - VCSCOMP, RILIMIT = 250 k. VCL/IILIMIT. RDELAY = 250 k. RDELAY = 250 k. RDELAY = 250 k, CDELAY = 12 nF. During start-up, delay < 2.4 V. RDELAY = 250 k, CDELAY = 12 nF, VID code = 011111.
2.9
3 12
3.1 400
V mV A A mV mV/A V V ms A ms V V A A mV mV mV ms
60 105 2.9 1.7
125 10.4 3 1.8 1.5 20 1
145 3.1 1.9
15
25
0.4 EN = 0 V. EN = 1.25 V. Relative to nominal DAC output. Relative to nominal DAC output. IPWRGD(SINK) = 4 mA. RDELAY = 250 k, CDELAY = 12 nF, VID code = 011111. 0.8 -1 10 -180 230 -250 300 225 1 25 -320 370 400
1 100 230 630 100
VCROWBAR tCROWBAR
Relative to nominal DAC output. Relative to FBRTN. Overvoltage to PWM going low.
250 200 300 700 250 400 160 5 5 6.9 0.9
370 770
s ns mV mV s ns
VOL(PWM) VOH(PWM)
IPWM(SINK) = -400 A. IPWM(SOURCE) = 400 A.
500
4.0
mV V mA V V
VUVLO
VCC rising.
6.5 0.7
10 7.3 1.1
1 2
All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC). Guaranteed by design, not tested in production.
Rev. A | Page 4 of 24
ADP3181 TEST CIRCUITS
ADP3181
12V
28
ADP3181
12V
28
VCC
VCC
18
CSCOMP
8
FB
39k
100nF
17
CSSUM
10k COMP
9
1k
16
CSREF CSCOMP-1V 40
200k
18
04796-0-005
CSCOMP
1.0V
19
GND
VOS =
200k
100nF CSSUM
17
V
CSREF
16
1.0V GND
19
04796-0-006
VFB = FBV = 80mV - FBV = 0mV
Figure 2. Current Sense Amplifier VOS
Figure 4. Positioning Voltage
ADP3181
1 2
VID4 VID3 VID2 VID1 VID0 CPUID FBRTN FB COMP PWRGD EN DELAY
VCC 28 PWM1 27 PWM2 26 PWM3 25 PWM4 24 SW1 23 SW2 22 SW3 21 SW4 20 GND 19 CSCOMP 18
+
1F
12V 100nF
5-BIT CODE
3 4 5 6 7 8 9
1k
10
1.25V
11 12
20k CSSUM 17 CSREF 16 ILIMIT 15 250k
100nF
12nF
250k 13 RT
14
RAMPADJ
Figure 3. Closed-Loop Output Voltage Accuracy
04796-0-004
Rev. A | Page 5 of 24
ADP3181 ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter VCC FBRTN VID0 to VID4, CPUID, EN, DELAY, ILIMIT, CSCOMP, RT, PWM1 to PWM4, COMP SW1 to SW4 All Other Inputs and Outputs Storage Temperature Operating Ambient Temperature Range Operating Junction Temperature Thermal Impedance (JA) Lead Temperature Soldering (10 sec) Infrared (15 sec) Rating -0.3 V to 15 V -0.3 V to +0.3 V -0.3 V to 5.5 V -5 V to +25 V -0.3 V to VCC +0.3 V -65C to +150C 0C to +85C 125C 100C/W 300C 260C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Absolute maximum ratings apply individually only, not in combination. Unless otherwise specified all other voltages are referenced to GND.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. A | Page 6 of 24
ADP3181 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VID4 1 VID3 2 VID2 3 VID1 4 VID0 5 CPUID 6 FBRTN 7 FB 8
28 27 26 25 24 23
VCC PWM1 PWM2 PWM3 PWM4 SW1
SW2 TOP VIEW 21 SW3 (Not to Scale) 20 SW4 COMP 9
22 19 18 17 16 15
ADP3181
PWRGD 10 EN 11 DELAY 12 RT 13 RAMPADJ 14
GND CSCOMP CSSUM CSREF ILIMIT
04796-0-011
Figure 5. Pin Configuration
Table 3. Pin Function Descriptions
Pin No. 1 to 5 Mnemonic VID4 to VID0 Description Voltage Identification DAC Inputs. These five pins are pulled up to an internal reference, providing a Logic 1 if left open. When in normal operation mode, the DAC output programs the FB regulation voltage based on the condition of the CPUID pin (see Table 4 and Table 5). Leaving VID4 through VID0 open results in ADP3181 going into a no CPU mode, shutting off its PWM outputs. CPU DAC Code Selection Input. When this pin is pulled > 4.25 V, the internal DAC reads its inputs based on the VRM 9 VID table (see Table 4). When this pin is <4 V, the DAC reads its inputs based on the VRD 10 VID table (see Table 5) and treats CPUID as the VID5 input. (ADP3181JRQ, VRD10 only) Feedback Return. VID DAC and error amplifier reference for remote sensing of the output voltage. Feedback Input. Error amplifier input for remote sensing of the output voltage. An external resistor between this pin and the output voltage sets the no-load offset point. Error Amplifier Output and Compensation Point. Power Good Output. Open drain output that signals when the output voltage is outside of the proper operating range. Power Supply Enable Input. Pulling this pin to GND disables the PWM outputs. Soft Start Delay and Current Limit Latch-off Delay Setting Input. An external resistor and capacitor connected between this pin and GND sets the soft start ramp-up time and the overcurrent latch-off delay time. Frequency Setting Resistor Input. An external resistor connected between this pin and GND sets the oscillator frequency of the device. PWM Ramp Current Input. An external resistor from the converter input voltage to this pin sets the internal PWM ramp. Current Limit Set Point/Enable Output. An external resistor from this pin to GND sets the current limit threshold of the converter. This pin is actively pulled low when the ADP3181 EN input is low, or when VCC is below its UVLO threshold to signal to the driver IC that the driver high-side and low-side outputs should go low. Current Sense Reference Voltage Input. The voltage on this pin is used as the reference for the current sense amplifier and the power good and crowbar functions. This pin should be connected to the common point of the output inductors. Current Sense Summing Node. External resistors from each switch node to this pin sum the average inductor currents together to measure the total output current. Current Sense Compensation Point. A resistor and capacitor from this pin to CSSUM determines the slope of the load line and the positioning loop response time. Ground. All internal biasing and the logic output signals of the device are referenced to this ground. Current Balance Inputs. Inputs for measuring the current level in each phase. The SW pins of unused phases should be left open. Logic-level PWM Outputs. Each output is connected to the input of an external MOSFET driver such as the ADP3110. Connecting the PWM3 and/or PWM4 outputs to GND causes that phase to turn off, allowing the ADP3181 to operate as a 2-, 3-, or 4-phase controller. Supply Voltage for the Device.
6
CPUID
7 8 9 10 11 12
FBRTN FB COMP PWRGD EN DELAY
13 14 15
RT RAMPADJ ILIMIT
16
CSREF
17 18 19 20 to 23 24 to 27
CSSUM CSCOMP GND SW4 to SW1 PWM4 to PMW1
28
VCC
Rev. A | Page 7 of 24
ADP3181 TYPICAL PERFORMANCE CHARACTERISTICS
4
5.3 TA = 25C 4-PHASE OPERATION
MASTER CLOCK FREQUENCY (MHz)
5.2
SUPPLY CURRENT (mA)
04796-0-002
3
5.1
5.0 4.9
2
1
4.8 4.7
0 0 50 100 150 200 RT VALUE (k) 250
4.6 0 0.5 1.0 1.5 2.0 2.5 3.0 OSCILLATOR FREQUENCY (MHz) 3.5
300
4.0
Figure 6. Master Clock Frequency vs. RT
Figure 7. Supply Current vs. Oscillator Frequency
Rev. A | Page 8 of 24
04796-0-003
ADP3181 THEORY OF OPERATION
The ADP3181 combines a multimode, fixed-frequency PWM control with multiphase logic outputs for use in 2-, 3-, and 4-phase synchronous buck CPU core supply power converters. The internal VID DAC can be used in Intel's 5-bit VRM 9 or 6-bit VRD/VRM 10 designs, depending on the setting of the CPUID pin. Multiphase operation is important for producing the high currents and low voltages demanded by today's microprocessors. Handling the high currents in a single-phase converter places high thermal demands on the components in the system such as the inductors and MOSFETs. The multimode control of the ADP3181 ensures a stable, high performance topology for * * * * * * * * * Balancing currents and thermals between phases. High speed response at the lowest possible switching frequency and output decoupling. Minimizing thermal switching losses due to lower frequency operation. Tight load line regulation and accuracy. High current output from 4-phase operational design. Reduced output ripple due to multiphase cancellation. PC board layout noise immunity. Ease of use and design due to independent component selection. Flexibility in operation for tailoring design to low cost or high performance. The PWM outputs are logic-level devices intended for driving external gate drivers such as the ADP3110. Because each phase is monitored independently, operation approaching 100% duty cycle is possible. Also, more than one output can be on at a time for overlapping phases. The VID DAC configuration is determined by the voltage present at the CPUID pin. If this pin is pulled up to >4.5 V, the VID DAC operates with five inputs and generates the VR 9 output voltage range, as shown in Table 4. If CPUID is <4 V, the VID DAC treats CPUID as the VID5 input of VR 10 and operates as a 6-bit DAC using the output voltage range given in Table 5. Table 4. VR 9 VID Codes for ADP3181JRU Only, CPUID >4.25
VID4 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 VID3 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 VID2 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 VID1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 VID0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 Output No CPU 1.100 V 1.125 V 1.150 V 1.175 V 1.200 V 1.225 V 1.250 V 1.275 V 1.300 V 1.325 V 1.350 V 1.375 V 1.400 V 1.425 V 1.450 V 1.475 V 1.500 V 1.525 V 1.550 V 1.575 V 1.600 V 1.625 V 1.650 V 1.675 V 1.700 V 1.725 V 1.750 V 1.775 V 1.800 V 1.825 V 1.850 V
START-UP SEQUENCE
Two functions are set during the start-up sequence: the number of active phases and the VID DAC configuration. The number of operational phases and their phase relationship is determined by internal circuitry that monitors the PWM outputs. Normally, the ADP3181 operates as a 4-phase PWM controller. Grounding the PWM4 pin programs 3-phase operation and grounding the PWM3 and PWM4 pins programs 2-phase operation. When the ADP3181 is enabled, the controller outputs a voltage on PWM3 and PWM4 that is approximately 675 mV. An internal comparator checks each pin's voltage versus a threshold of 300 mV. If the pin is grounded, then it is below the threshold and the phase is disabled. The output resistance of the PWM pin is approximately 5 k during this detection time. Any external pull-down resistance connected to the PWM pin should not be less than 25 k to ensure proper operation. PWM1 and PWM2 are disabled during the phase detection interval, which occurs during the first two clock cycles of the internal oscillator. After this time, if the PWM output is not grounded the 5 k resistance is removed and it switches between 0 V and 5 V. If the PWM output is grounded then it remains off.
Rev. A | Page 9 of 24
ADP3181
MASTER CLOCK FREQUENCY
The clock frequency of the ADP3181 is set with an external resistor connected from the RT pin to ground. The frequency follows the graph in Figure 6. To determine the frequency per phase, the clock is divided by the number of phases in use. If PWM4 is grounded, then divide the master clock by 3 for the frequency of the remaining phases. If PWM3 and 4 are grounded, then divide by 2. If all phases are in use, divide by 4. To provide the best accuracy for the sensing of current, the CSA has been designed to have a low offset input voltage. Also, the sensing gain is determined by external resistors so that it can be made extremely accurate.
ACTIVE IMPEDANCE CONTROL MODE
For controlling the dynamic output voltage droop as a function of output current, a signal proportional to the total output current at the CSCOMP pin can be scaled to be equal to the droop impedance of the regulator times the output current. This droop voltage is then used to set the input control voltage to the system. The droop voltage is subtracted from the DAC reference input voltage directly to tell the error amplifier where the output voltage should be. This differs from previous implementations and allows enhanced feed-forward response.
OUTPUT VOLTAGE DIFFERENTIAL SENSING
The ADP3181 combines differential sensing with a high accuracy VID DAC and reference and a low offset error amplifier to maintain a worst-case specification of 14.5 mV differential sensing error over its full operating output voltage and temperature range. The output voltage is sensed between the FB and FBRTN pins. FB should be connected through a resistor to the regulation point, usually the remote sense pin of the microprocessor. FBRTN should be connected directly to the remote sense ground point. The internal VID DAC and precision reference are referenced to FBRTN, which has a minimal current of 100 A to allow accurate remote sensing. The internal error amplifier compares the output of the DAC to the FB pin to regulate the output voltage.
CURRENT CONTROL MODE AND THERMAL BALANCE
The ADP3181 has individual inputs for each phase, which are used for monitoring the current in each phase. This information is combined with an internal ramp to create a current balancing feedback system that has been optimized for initial current balance accuracy and dynamic thermal balancing during operation. This current balance information is independent of the average output current information used for positioning described previously. The magnitude of the internal ramp can be set to optimize the transient response of the system. It also monitors the supply voltage for feed-forward control for changes in the supply. A resistor connected from the power input voltage to the RAMPADJ pin determines the slope of the internal PWM ramp. Detailed information about programming the ramp is given in the Applications section. External resistors can be placed in series with individual phases to create an intentional current imbalance, such as when one phase may have better cooling and can support higher currents. Resistors RSW1 through RSW4 (see the typical application circuit in Figure 10) can be used for adjusting thermal balance. It is best to have the ability to add these resistors during the initial design, so make sure placeholders are provided in the layout. To increase the current in any phase, make RSW for that phase larger (make RSW = 0 for the hottest phase; do not change during balancing). Increasing RSW to only 500 makes a substantial increase in phase current. Increase each RSW value by small amounts to achieve balance, starting with the coolest phase first.
OUTPUT CURRENT SENSING
The ADP3181 provides a dedicated current sense amplifier (CSA) to monitor the total output current for proper voltage positioning versus load current and for current limit detection. Sensing the load current at the output gives the total average current being delivered to the load, which is an inherently more accurate method then peak current detection or sampling the current across a sense element such as the low side MOSFET. This amplifier can be configured several ways depending on the objectives of the system: * * * Output inductor ESR sensing without a thermistor for lowest cost. Output inductor ESR sensing with a thermistor for improved accuracy with tracking of inductor temperature. Sense resistors for highest accuracy measurements.
The positive input of the CSA is connected to the CSREF pin, which is connected to the output voltage. The inputs to the amplifier are summed together through resistors from the sensing element (such as the switch node side of the output inductors) to the inverting input, CSSUM. The feedback resistor between CSCOMP and CSSUM sets the gain of the amplifier, and a filter capacitor is placed in parallel with this resistor. The gain of the amplifier is programmable by adjusting the feedback resistor to set the load line required by the microprocessor. The current information is then given as the difference of CSREF - CSCOMP. This difference signal is used internally to offset the VID DAC for voltage positioning and as a differential input for the current limit comparator.
Rev. A | Page 10 of 24
ADP3181
VOLTAGE CONTROL MODE
A high gain-bandwidth voltage mode error amplifier is used for the voltage-mode control loop. The control input voltage to the positive input is set via the VID logic. This voltage is also offset by the droop voltage for active positioning of the output voltage as a function of current, commonly known as active voltage positioning. The output of the amplifier is the COMP pin, which sets the termination voltage for the internal PWM ramps. The negative input (FB) is tied to the output sense location with a resistor RB and is used for sensing and controlling the output voltage at this point. A current source from the FB pin flowing through RB is used for setting the no-load offset voltage from the VID voltage. The no-load voltage is negative with respect to the VID DAC. The main loop compensation is incorporated in the feedback network between FB and COMP.
Table 5. VR 10 VID Codes for the ADP3181, CPUID Used As a VID5 Input
VID4 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 VID3 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 VID2 1 1 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 VID1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 0 0 0 0 1 1 1 VID0 1 1 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 0 0 1 1 0 0 1 1 0 CPUID 1 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Output No CPU No CPU 0.8375 V 0.8500 V 0.8625 V 0.8750 V 0.8875 V 0.9000 V 0.9125 V 0.9250 V 0.9375 V 0.9500 V 0.9625 V 0.9750 V 0.9875 V 1.0000 V 1.0125 V 1.0250 V 1.0375 V 1.0500 V 1.0625 V 1.0750 V 1.0875 V 1.1000 V 1.1125 V 1.1250 V 1.1375 V 1.1500 V 1.1625 V 1.1750 V 1.1875 V 1.2000 V VID4 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 VID3 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 VID2 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 VID1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 VID0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 CPUID 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Output 1.2125 V 1.2250 V 1.2375 V 1.2500 V 1.2625 V 1.2750 V 1.2875 V 1.3000 V 1.3125 V 1.3250 V 1.3375 V 1.3500 V 1.3625 V 1.3750 V 1.3875 V 1.4000 V 1.4125 V 1.4250 V 1.4375 V 1.4500 V 1.4625 V 1.4750 V 1.4875 V 1.5000 V 1.5125 V 1.5250 V 1.5375 V 1.5500 V 1.5625 V 1.5750 V 1.5875 V 1.6000 V
Rev. A | Page 11 of 24
ADP3181
SOFT START
The power-on ramp up time of the output voltage is set with a capacitor and resistor in parallel from the DELAY pin to ground. The RC time constant also determines the current limit latch-off time as explained in the following section. In UVLO or when EN is a logic low, the DELAY pin is held at ground. After the UVLO threshold is reached and EN is a logic high, the DELAY capacitor is charged up with an internal 20 A current source. The output voltage follows the ramping voltage on the DELAY pin, limiting the inrush current. The soft start time depends on the value of VID DAC and CDLY, with a secondary effect from RDLY. Refer to the Applications section for detailed information on setting CDLY. If either EN is taken low or VCC drops below UVLO, the delay capacitor is reset to ground to be ready for another soft start cycle. Figure 8 shows the typical start-up waveforms for the ADP3181. Since the controller continues to cycle the phases during the latch-off delay time, the controller returns to normal operation if the short is removed before the 1.8 V threshold is reached. The recovery characteristic depends on the state of PWRGD. If the output voltage is within the PWRGD window, the controller resumes normal operation. However, if a short circuit has caused the output voltage to drop below the PWRGD threshold, then a soft start cycle is initiated. The latch-off function can be reset by removing and reapplying VCC to the ADP3181, or by pulling the EN pin low for a short time. To disable the short circuit latch-off function, the external resistor to ground should be left open and a high value (>1 M) resistor should be connected from DELAY to VCC. This prevents the DELAY capacitor from discharging so the 1.8 V threshold is never reached. The resistor has an impact on the soft start time because the current through it adds to the internal 20 A current source.
Figure 8. Typical Start-up Waveforms, Channel 1: PWRGD, Channel 2: CSREF, Channel 3: DELAY, Channel 4: COMP
Figure 9. Overcurrent Latch-off Waveforms. Channel 1: CSREF, Channel 2: DELAY, Channel 3: COMP, Channel 4: Phase 1 Switch Node
CURRENT LIMIT, SHORT CIRCUIT, AND LATCH-OFF PROTECTION
The ADP3181 compares a programmable current limit setpoint to the voltage from the output of the current sense amplifier. The level of current limit is set with the resistor from the ILIMIT pin to ground. During normal operation, the voltage on ILIMIT is 3 V. The current through the external resistor is internally scaled to give a current limit threshold of 10.4 mV/A. If the difference in voltage between CSREF and CSCOMP rises above the current limit threshold, the internal current limit amplifier controls the internal COMP voltage to maintain the average output current at the limit. After the limit is reached, the 3 V pull-up on the DELAY pin is disconnected, and the external DELAY capacitor is discharged through the external resistor. A comparator monitors the DELAY voltage and shuts off the controller when the voltage drops below 1.8 V. The current limit latch-off delay time is thus set by the RC time constant discharging from 3 V to 1.8 V. The Applications section discusses the selection of CDLY and RDLY.
During start-up when the output voltage is below 200 mV, a secondary current limit is active because the voltage swing of CSCOMP cannot go below ground. This secondary current limit controls the internal COMP voltage to the PWM comparators to 2 V. This limits the voltage drop across the low-side MOSFETs through the current balance circuitry. There is also an inherent per phase current limit that protects individual phases when one or more phases may stop functioning because of a faulty component. This limit is based on the maximum normal-mode COMP voltage.
DYNAMIC VID
The ADP3181 incorporates the ability to dynamically change the VID input while the controller is running. This allows the output voltage to change while the supply is running and supplying current to the load. This is commonly referred to as VID-on-the-fly (VID-OTF). A VID-OTF can occur under light or heavy load conditions. The processor signals the controller by changing the VID inputs in multiple steps from the start code to the finish code. This change can be positive or negative.
Rev. A | Page 12 of 24
ADP3181
When a VID input changes state, the ADP3181 detects the change and ignores the DAC inputs for a minimum of 400 ns. This time is to prevent a false code due to logic skew while the 5 VID inputs are changing. Additionally, the first VID change initiates the PWRGD and CROWBAR blanking functions for a minimum of 250 s to prevent a false PWRGD or CROWBAR event. Each VID change resets the internal timer.
OUTPUT CROWBAR
As part of the protection for the load and output components of the supply, the PWM outputs are driven low (turning on the low-side MOSFETs) when the output voltage exceeds the upper crowbar threshold. This crowbar action stops once the output voltage has fallen below the release threshold of about 700 mV. Turning on the low-side MOSFETs pulls down the output as the reverse current builds up in the inductors. If the output overvoltage is due to a short of the high-side MOSFET, this action current limits the input supply or blows its fuse, protecting the microprocessor from destruction.
POWER GOOD MONITORING
The power good comparator monitors the output voltage via the CSREF pin. The PWRGD pin is an open drain output whose high level (when connected to a pull-up resistor) indicates that the output voltage is within the nominal limits specified in the specifications above based on the VID voltage setting. PWRGD goes low if the output voltage is outside of this specified range, if all of the VID DAC inputs are high, or whenever the EN pin is pulled low. PWRGD is blanked during a VID-OTF event for a period of 250 s to prevent false signals during the time the output is changing. The PWRGD circuitry also incorporates an initial turn-on delay time based on the delay ramp. The PWRGD pin is held low until the DELAY pin has reached 2.8 V. The time between when the PWRGD undervoltage threshold is reached and when the DELAY pin reaches 2.8 V provides the turn-on delay time. This time is incorporated into the soft start ramp. To ensure a 1 ms delay time on PWRGD, the soft start ramp must also be >1 ms. Refer to the Applications section for detailed information on setting CDLY.
OUTPUT ENABLE AND UVLO
The VCC to the controller must be higher than the UVLO threshold and the EN pin must be higher then its logic threshold for the ADP3181 to begin switching. IF UVLO is less than the threshold or the EN pin is a logic low, the device is disabled. This holds the PWM outputs at ground, shorts the DELAY capacitor to ground, and holds the ILIMIT pin at ground. In the application circuit, the ILIMIT pin should be connected to the OD pins of the ADP3110 drivers. Because ILIMIT is grounded, this disables the drivers such that both DRVH and DRVL are grounded. This feature is important to prevent discharging of the output capacitors when the controller is shut off. If the driver outputs were not disabled, then a negative voltage could be generated on the output due to the high current discharge of the output capacitors through the inductors.
Rev. A | Page 13 of 24
ADP3181
L1 470F/16V x 6 1.6H NICHICON PW SERIES VIN 12V VIN RTN C1 C6
1 2
+
+
D2 1N4148WS
R1 2.2
C10 18nF U2 ADP3110 C8 10nF
C9 4.7F
BST IN OD VCC
DRVH 8 SW 7 PGND 6 DRVL 5
Q1 IPD12N03L
820F/2.5V x 8 L2 FUJITSU RE SERIES 600nH/1.6m 8m ESR (EACH) + +
D1 1N4148WS C7 4.7F
3 4
VCC(CORE) 0.8375V - 1.6V 65A AVG, 74A PK VCC(CORE) RTN
Q2 IPD06N03L
Q3 IPD06N03L
C21
C28
R2 2.2
D3 1N4148WS
C14 18nF U3 ADP3110 C12 10nF
C13 4.7F
Q4 IPD12N03L
1 2 3 4
BST IN OD VCC
DRVH 8 SW 7 PGND 6 DRVL 5
10F x 23 MLCC IN SOCKET
L3 600nH/1.6m
C11 4.7F
Q5 IPD06N03L Q6 IPD06N03L
R3 2.2
D4 1N4148WS
C18 18nF U4 ADP3110 C16 10nF
C17 4.7F
Q7 IPD12N03L
1 2 3 4
BST IN OD VCC
DRVH 8 SW 7 PGND 6 DRVL 5
L4 600nH/1.6m
C15 4.7F
Q8 IPD06N03L Q9 IPD06N03L
RTH 100k, 5%
R4 10
C19 1F
+ C20 33F
RR 383k
1 2
U1
ADP3181
VCC 28 PWM1 27 PWM2 26 PWM3 25 PWM4 24 SW1 23 SW2 22 SW3 21 SW4
20
VID4 VID3 VID2 VID1 VID0 CPUID FBRTN FB COMP PWRGD EN DELAY RT RAMPADJ
FROM CPU
3 4 5 6 7 8 9 10 11 12
RSW1 * RSW2 * RPH1 124k RPH3 124k RCS2 73.2k RPH2 124k
CB 1.5nF CFB 33pF POWER GOOD ENABLE RB 1.33k CA RA 390pF 16.9k
RSW3 * CCS2 RCS1 1.5nF 35.7k
GND 19 CSCOMP 18 CSSUM 17 CSREF 16 ILIMIT 15
CDLY 12nF *FOR A DESCRIPTION OF OPTIONAL RSW RESISTORS, SEE THE THEORY OF OPERATION SECTION.
RDLY 330k RT 249k
13 14
CCS1 2.2nF
Figure 10. Typical VR 10 Application Circuit
Rev. A | Page 14 of 24
04796-0-008
RLIM 200k
ADP3181 APPLICATIONS
The design parameters for a typical ADP3181 CPU application are as follows: * * * * * * Input voltage (VIN) = 12 V VID setting voltage (VVID) = 1.500 V Duty cycle (D) = 0.125 Nominal output voltage at no load (VONL) = 1.480 V Nominal output voltage at 65 A load (VOFL) = 1.3825 V Static output voltage drop based on a 1.5 m load line (RO) from no load to full load: (V) = VONL - VOFL V = 1.480 V - 1.3825 V = 97.5 mV Maximum output current (IO) = 65 A Number of phases (n) = 3 Switching frequency per phase (fSW) = 330 kHz Assuming an RDLY of 250 k and a desired PWRGD delay time of 1 s, CDLY is 12 nF. The soft start delay time can then be calculated using
t ss =
C DLY x VVID VVID 20 A - 2 x RDLY
(2)
Once CDLY has been chosen, RDLY can be calculated for the current limit latch-off time using
RDLY =
2 x t DELAY C DLY
(3)
* * *
SETTING THE CLOCK FREQUENCY
The ADP3181 uses a fixed-frequency control architecture. The frequency is set by an external timing resistor (RT). The clock frequency and the number of phases determine the switching frequency per phase, which relates directly to switching losses and the sizes of the inductors and input and output capacitors. With n = 3 for three phases, a clock frequency of 990 kHz sets the switching frequency of each phase, fSW, to 330 kHz, which represents a practical trade-off between the switching losses and the sizes of the output filter components. Figure 6 shows that to achieve a 990 kHz oscillator frequency, the correct value for RT is 200 k. For good initial accuracy and frequency stability, it is recommended to use a 1% resistor.
If the result for RDLY is less than 200 k, then a smaller soft start time should be considered by recalculating the equation for CDLY or a longer latch-off time should be used. In no case should RDLY be less than 200 k. In this example, a delay time of 2 ms gives RDLY = 333 k. The closest standard 5% value is 330 k. Substituting 330 k back into Equations 1 and 2 shows that the PWRGD delay and soft start times do not change significantly.
INDUCTOR SELECTION
The choice of inductance for the inductor determines the ripple current in the inductor. Less inductance leads to more ripple current, which increases the output ripple voltage and conduction losses in the MOSFETs, but allows using smaller size inductors and, for a specified peak-to-peak transient deviation, less total output capacitance. Conversely, a higher inductance means lower ripple current and reduced conduction losses, but requires larger size inductors and more output capacitance for the same peak-to-peak transient deviation. In any multiphase converter, a practical value for the peak-to-peak inductor ripple current is less than 80% of the maximum DC current in the same inductor. Equation 3 shows the relationship between the inductance, oscillator frequency, and peak-to-peak ripple current in the inductor. Equation 4 determines the minimum inductance based on a given output ripple voltage:
I RIPPLE = VVID (1 - D) f SW x L (4)
SOFT START AND CURRENT LIMIT LATCH-OFF DELAY TIMES
Because the soft start, PWRGD delay, and current limit latchoff delay functions all share the DELAY pin, these three parameters must be considered together. The first step is to set CDLY for the PWRGD delay ramp. This ramp is generated by a 20 A internal current source. The value of RDLY has a secondorder impact on the soft start time because it sinks part of the current source to ground. However, as long as RDLY is greater than 200 k, this effect is minor. The value for CDLY can be approximated using
C DLY 2.8 V - VVID - VPWRGD (UV ) t PWRGD x = 20 A - 2.8 V - V - V 2 x RDLY VID PWRGD (UV )
L=
VVID x RO x (1 - D ) x (1 - (n x D )) f SW x VRIPPLE
(5)
(1) where tPWRGD is the desired PWRGD delay time and VPWRGD(UV) is the undervoltage threshold for the PWRGD comparator.
Intel recommends that the ripple voltage should not exceed 10 mV peak-to-peak at the socket. Solving Equation 4 for a 12 mV peak-to-peak output ripple voltage at the regulator's output to allow for drops through the PCB traces yields
L 1.5 V x 1.5 m x 0.875 x (1 - 0.375) 330 kHz x 12 mV = 310 nH (6)
Rev. A | Page 15 of 24
ADP3181
If the ripple voltage is less than that designed for, the inductor can be made smaller until the ripple value is met. This allows optimal transient response and minimum output decoupling. The smallest possible inductor should be used to minimize the number of output capacitors. A 300 nH inductor is a good choice to start, and it gives a calculated ripple current of 13.3 A, which is 61% of the full load current of 21.7 A. The inductor should not saturate at the peak current of 29 A, and should be able to handle the sum of the power dissipation caused by the average current of 22 A in the winding and the core loss. Another important factor in the inductor design is the DCR, which is used for measuring the phase currents. A large DCR causes excessive power losses, while too small a value leads to increased measurement error. A good rule is to have the DCR be about 1 to 11/2 times the droop resistance or DC output resistance (RO). * Coiltronics (561) 752-5000 www.coiltronics.com Sumida Corporation (510) 668-0660 www.sumida.com Vishay (402) 563-6866 www.vishay.com
*
*
OUTPUT DROOP RESISTANCE
The design requires that the regulator output voltage measured at the CPU pins drops when the output current increases. The specified voltage drop corresponds to RO. The output current is measured by summing together the voltage across each inductor and then passing the signal through a low-pass filter. This summer filter is the CS amplifier configured with resistors RPH(X) (summers), and RCS and CCS (filter). The output resistance of the regulator is set by these equations, where RL is the DCR of the output inductors:
RO = RCS x RL RPH ( X )
DESIGNING AN INDUCTOR
Once the inductance and DCR are known, the next step is to design an inductor or find a standard inductor that comes as close as possible to meeting the overall design goals. It is also important to have the inductance and DCR tolerance specified to keep the accuracy of the system controlled. Using 15% for the inductance and 8% for the DCR (at room temperature) are reasonable tolerances that most manufacturers can meet. The first decision in designing the inductor is to choose the core material. There are several possibilities for providing low core loss at high frequencies. Two examples are the powder cores (Kool-M(R) from Magnetics, Inc., or Micrometals) and the gapped soft ferrite cores (3F3 or 3F4 from Philips). Low frequency powdered iron cores should be avoided due to their high core loss, especially when the inductor value is relatively low and the ripple current is high. The best choice for a core geometry are closed-loop types, such as pot cores, PQ, U, and E cores, or toroids. A good compromise between price and performance are cores with a toroidal shape. There are many useful references for quickly designing a power inductor, such as * * Magnetic Designer Software Intusoft (http://www.intusoft.com) Designing Magnetic Components for High Frequency DC-DC Converters, McLyman, Kg Magnetics, ISBN 1-883107-00-08
(7)
CCS =
L RL x RCS
(8)
One has the flexibility of choosing either RCS or RPH(X). It is best to start with RPH(X) in the range of 100 k to 200 k, then solve for RCS by rearranging Equation 7. Using 100 k for RPH(X)
RCS = RO x RPH ( X ) RL 1.5 m 1.6 m x 100 k = 93.8 k
RCS =
Next, use equation 8 to solve for CCS: CCS = 300 nH 1.6 m x 93.8 k = 2.0 nF
Selecting a Standard Inductor
The following power inductor manufacturers can provide design consultation and deliver power inductors optimized for high power applications upon request: * Coilcraft (847) 639-6400 www.coilcraft.com
The closest standard value for CCS is 1.8 nF. If the calculated value does not happen to be a standard value, then recalculate for the closest 1% resistor values for RCS and RPH(X) using the final selected value for CCS. This can be quickly calculated by multiplying the original values of RCS and RPH(X) by the ratio of the calculated CCS to the actual value used. For best accuracy, CCS should be a 5% or 10% NPO capacitor. For this example, the actual values used for RCS and RPH(X) are 104.2 k and 111.1 k. The closest standard 1% value for RPH(X) is 110 k. RCS is used later and should not be rounded yet.
Rev. A | Page 16 of 24
ADP3181
INDUCTOR DCR TEMPERATURE CORRECTION
With the inductor's DCR being used as the sense element, and copper wire being the source of the DCR, it is necessary to compensate for temperature changes of the inductor's winding. Fortunately, copper has a well-known temperature coefficient (TC) of 0.39%/C. If RCS is designed to have an opposite and equal percentage change in resistance to that of the wire, it cancels the temperature variation of the inductor's DCR. Due to the nonlinear nature of NTC thermistors, resistors RCS1 and RCS2 are needed (see Figure 11) to linearize the NTC and produce the desired temperature tracking.
PLACE AS CLOSE AS POSSIBLE TO NEAREST INDUCTOR OR LOW-SIDE MOSFET RTH RPH1 RCS1
18
RTH =
1 1 1 - 1 - rCS2 rCS1
Calculate RTH = rTH x RCS, then select the closest value of thermistor available. Also compute a scaling factor k based on the ratio of the actual thermistor value used relative to the computed one: k= RTH ( ACTUAL ) RTH (CALCULATED ) (10)
Calculate values for RCS1 and RCS2 using the following:
TO VOUT SENSE
TO SWITCH NODES
RCS1 = RCS x k x rCS1 RCS2 = RCS x ((1 - k) + (k x rCS2 ))
(11)
ADP3181
CSCOMP CCS 1.8nF
17
RPH2
RPH3
RCS2 KEEP THIS PATH AS SHORT AS POSSIBLE AND WELL AWAY FROM SWITCH NODE LINES
04796-0-009
CSSUM
CSREF
16
Figure 11. Temperature Compensation Circuit Values
For this example, RCS has already been calculated in the previous section to be 104.2 k, so start with a thermistor value of 100 k. Looking through available 0603 size thermistors, find a Vishay NTHS0603N01N1003JR NTC thermistor with A = 0.3602 and B = 0.09174. From these values compute rCS1 = 0.3796, rCS2 = 0.7195, and rTH = 1.0751. Solving for RTH yields 112.05 k, so choose 100 k, making k = 0.8925. Finally, find RCS1 and RCS2 to be 35.30 k and 78.11 k. Choosing the closest 1% resistor values yields 35.7 k and 78.7 k.
The following procedure yields values to use for RCS1, RCS2, and RTH (the thermistor value at 25C) for a given RCS value. 1. Select an NTC to be used based on type and value. Because there is no value yet, start with a thermistor with a value close to RCS. The NTC should also have an initial tolerance of better than 5%. Based on the type of NTC, find its relative resistance value at two temperatures. Temperatures that work well are 50C and 90C. We call these resistance values A (A is RTH(50C)/ RTH(25C)) and B (B is RTH(90C)/RTH(25C)). The NTC's relative value is always 1 at 25C. Find the relative value of RCS required for each of these temperatures. This is based on the percentage change needed, which can be 0.39%/C, initially. These are r1 (r1 is 1/(1+ TC x (T1 - 25))) and r2 (r2 is 1/(1 + TC x (T2 - 25))) where TC = 0.0039, T1 = 50C, and T2 = 90C. 4. Compute the relative values for RCS1, RCS2, and RTH: RCS2 =
OUTPUT OFFSET
Intel's specification requires that at no load the nominal output voltage of the regulator be offset to a lower value than the nominal voltage corresponding to the VID code. The offset is set by a constant current source flowing out of the FB pin (IFB) and flowing through RB. The value of RBB can be found using Equation 12. The closest standard 1% resistor value is 1.33 k.
B
2.
RB =
RB =
VVID - VONL I FB
1.5 V - 1.480 V 15 A = 1.33 k
(12)
3.
COUT SELECTION
The required output decoupling for the regulator is typically recommended by Intel for various processors and platforms. Using some simple design guidelines determines what is required. These guidelines are based on having both bulk and ceramic capacitors in the system. First, select the total amount of ceramic capacitance based on the number and type of capacitor to be used. The best location for ceramics is inside the socket, with 12 to 18 of size 1,206 being the physical limit. Others can be also placed along the outer edge of the socket.
( A - B ) x r1 x r2 - A x (1 - B ) x r2 + B x (1 - A ) x r1 (9) A x (1 - B ) x r1 - B x (1 - A ) x r2 - ( A - B )
RCS1 =
(1 - A ) 1 A - 1 - rCS2 r1 - rCS2
Rev. A | Page 17 of 24
ADP3181
Combined ceramic values of 200 F to 300 F made up of multiple 10 F or 22 F capacitors are recommended. Select the number of ceramics and find the total ceramic capacitance (CZ). Next, there is an upper limit imposed on the total amount of bulk capacitance (CX) when considering the VID-OTF voltage stepping of the output (voltage step VV in time tV) and a lower limit based on meeting the critical capacitance for load release for a given maximum load step IMAX: L x I STEP C X ( MIN ) - CZ nx R xV VID O C X ( MAX )
V L xV 2 nK 2 RO VVID V nKRO x 1 + t v VID x V L V

L X CZ x RO 2 L X 230 F x 1.3 m2 = 389 pH
(15)
In this example, LX is 400 pH for the 10 OSCSON capacitors, which satisfies this limitation. If the LX of the chosen bulk capacitor bank is too large, the number of MLC capacitors must be increased. Note that for this multimode control technique, all ceramic designs can be used as long as the conditions of Equations 11, 12, and 13 are satisfied.
(13)
POWER MOSFETS

2
- 1 - CZ (14)
V where K = 1n ERR V V
For this example, the N channel power MOSFETs have been selected for one high-side switch and two low-side switches per phase. The main selection parameters for the power MOSFETs are VGS(TH), QG, CISS, CRSS, and RDS(ON). The minimum gate drive voltage (the supply voltage to the ADP3110) dictates whether standard threshold or logic-level threshold MOSFETs must be used. With VGATE ~10 V, logic-level threshold MOSFETs (VGS(TH) < 2.5 V) are recommended. The maximum output current IO determines the RDS(ON) requirement for the low-side (synchronous) MOSFETs. In the ADP3181, currents are balanced between phases, so the current in each low-side MOSFET is the output current divided by the total number of MOSFETs (nSF). With conduction losses being dominant, the following expression shows the total power being dissipated in each synchronous MOSFET in terms of the ripple current per phase (IR) and average total output current (IO).
where RX is the ESR of the bulk capacitor bank. To meet the transient specification, RX cannot be greater than 3 x RO. If the CX(MIN) is larger than CX(MAX), the system does not meet the VID-OTF specification and may require the use of a smaller inductor or more phases (the switching frequency may need to be increased to keep the output ripple the same). This example uses twelve 22 F 1206 MLC capacitors (CZ=264 F). The VID on-the-fly step change is 12.5 mV in 5 s. Solving for the bulk capacitance, assuming that RX = RO, and where k = 4.6, yields 600 nH x 60 A C X ( MIN ) - 230 F = 5.92 mF 3 x 1.3 m x 1.5 V
C X ( MAX ) 600 nH x 250 mV 3 x 4.62 x 1.3 m2 x 1.5 V x
I PSF = (1 - D ) x O nSF
1 n x IR + x 12 n SF
2
2
x RDS (SF )
(16)
2 150 s x 1.5 V x 3 x 4.6 x 1.3 m - 1 - 230 F 1+ 450 mV x 320 nH
Knowing the maximum output current being designed for and the maximum allowed power dissipation, the required RDS(ON) for the MOSFET can be found. For D pak MOSFETs up to an ambient temperature of 50C, a safe limit for PSF is 1 W (assuming 2 D paks) at 120C junction temperature. Thus, for this example (65 A maximum), RDS(SF) (per MOSFET) < 8.7 mW. This RDS(SF) is also at a junction temperature of about 120C, so it is important to account for this when making this selection. Another important factor for the synchronous MOSFET is the input capacitance and feedback capacitance. The ratio of the feedback to input needs to be small (less than 10% is recommended) to prevent accidentally turning on the synchronous MOSFETs when the switch node goes high. Also, the time to switch the synchronous MOSFETs off should not exceed the nonoverlap dead time of the MOSFET driver (40 ns typical for the ADP3110). The output impedance of the driver is about 2 and the typical MOSFET input gate resistances are about 1 to 2 , so a total gate capacitance of less than 6,000 pF should be adhered to. Since there are two
= 23.9 mF
Using ten 560 F OSCONs with an ESR of 12 m each yields CX = 5.6 mF with an RX = 1.2 m (making the new limits on CX 2.4 mF to 8.8 mF, which is still within the acceptable range). One last check should be made to ensure that the ESL of the bulk capacitors (LX) is low enough to limit the initial high frequency transient spike. This can be tested using
Rev. A | Page 18 of 24
ADP3181
MOSFETs in parallel, limit the input capacitance for each synchronous MOSFET to 3,000 pF. The high-side (main) MOSFET must be able to handle two main power dissipation components; conduction and switching losses. The switching loss is related to the amount of time it takes for the main MOSFET to turn on and off, and to the current and voltage that are being switched. Basing the switching speed on the rise and fall time of the gate driver impedance and MOSFET input capacitance, the following expression provides an approximate value for the switching loss per main MOSFET, where nMF is the total number of main MOSFETs: PS ( MF ) = 2 x f SW x VCC x IO nMF x RO x nMF x CISS n (17) f PDRV = SW x (nMF x QGMF + nSF x QGSF ) + ICC x VCC (19) 2 x n Also shown is the standby dissipation factor (ICC x VCC) for the driver. For the ADP3110, the maximum dissipation should be less than 400 mW. For our example, with ICC = 7 mA, QGMF = 22.8 nC and QGSF = 34.3 nC, there is 260 mW in each driver, which is below the 400 mW dissipation limit.
RAMP RESISTOR SELECTION
The ramp resistor (RR) is used for setting the size of the internal PWM ramp. The value of this resistor is chosen to provide the best combination of thermal balance, stability, and transient response. The following expression is used for determining the optimum value:
Here, RG is the total gate resistance (2 for the ADP3110 and about 1 for typical high speed switching MOSFETs, making RG = 3 ) and CISS is the input capacitance of the main MOSFET. It is interesting to note that adding more main MOSFETs (nMF) does not improve the switching loss per MOSFET because the additional gate capacitance slows down switching. The best method to reduce switching loss is to use lower gate capacitance devices. The conduction loss of the main MOSFET is given by the following, where RDS(MF) is the on-resistance of the MOSFET: I PC ( MF ) = D x O nMF 1 n x IR + x 12 n MF
2 2
RR =
AR x L 3 x AD x RDS x CR (20) 0.2 x 600 nH 3 x 5 x 4.2 m x 5 pF = 381 k
RR =
x RDS ( MF )
where AR is the internal ramp amplifier gain AD is the current balancing amplifier gain RDS is the total low-side MOSFET on-resistance CR is the internal ramp capacitor value The closest standard 1% resistor value is 226 k. The internal ramp voltage magnitude can be calculated using
VR = AR x (1 - D ) x VVID RR x C R x f SW (21) VR = 0.2 x (1 - 0.125) x 1.5 V 383 k x 5 pF x 267 kHz = 0.51 mV
(18)
Typically, for main MOSFETs, the highest speed (low CISS) device is desirable, but these usually have higher on-resistance. A device that meets the total power dissipation (about 1.5 W for a single D pak) when combining the switching and conduction losses should be selected. For this example, an Infineon IPD12N03L was selected as the main MOSFET (three total; nMF = 3), with a CISS = 1460 pF (max) and RDS(MF) = 14 m (max at TJ = 120C), and an Infineon IPD06N03L was selected as the synchronous MOSFET (six total; nSF = 6), with CISS = 2,370 pF (max), and RDS(SF) = 8.3 m (max at TJ = 120C). The synchronous MOSFET CISS is less than 3,000pF, satisfying that requirement. Solving for the power dissipation per MOSFET at IO = 65 A and IR = 13 A yields 900 mW for each synchronous MOSFET and 1.6 W for each main MOSFET. These numbers work well considering there is usually more PCB area available for each main MOSFET versus each synchronous MOSFET. One last thing to consider is the power dissipation in the driver for each phase. This is best described in terms of the QG for the MOSFETs and is given by the following, where QGMF is the total gate charge for each main MOSFET and QGSF is the total gate charge for each synchronous MOSFET:
The size of the internal ramp can be made larger or smaller. If it is made larger, stability and transient response improve, but thermal balance degrades. Likewise, if the ramp is made smaller, thermal balance improves at the sacrifice of transient response and stability. The factor of three in the denominator of equation 20 sets a ramp size that gives an optimal balance for good stability, transient response, and thermal balance.
Rev. A | Page 19 of 24
ADP3181
CURRENT LIMIT SETPOINT
To select the current limit setpoint, we need to find the resistor value for RLIM. The current limit threshold for the ADP3181 is set with a 3 V source (VLIM) across RLIM with a gain of 10 mV/A (ALIM). RLIM can be found using the following:
RLIM = ALIM x VLIM I LIM x RO
FEEDBACK LOOP COMPENSATION DESIGN
Optimized compensation of the ADP3181 allows the best possible response of the regulator's output to a load change. The basis for determining the optimum compensation is to make the regulator and output decoupling appear as an output impedance that is entirely resistive over the widest possible frequency range, including DC, and equal to the droop resistance (RO). With the resistive output impedance, the output voltage droops in proportion with the load current at any load current slew rate; this ensures the optimal positioning and allows the minimization of the output decoupling. With the multimode feedback structure of the ADP3181, one needs to set the feedback compensation to make the converter's output impedance working in parallel with the output decoupling meet this goal. There are several poles and zeros created by the output inductor and decoupling capacitors (output filter) that need to be compensated for. A type three compensator on the voltage feedback is adequate for proper compensation of the output filter. The expressions given below are intended to yield an optimal starting point for the design; some minor adjustments may be necessary to account for PCB and component parasitic effects. Using Equations 24 to 28, compute the time constants for all of the poles and zeros in the system, where, for the ADP3181, R is the PCB resistance from the bulk capacitors to the ceramics and RDS is approximately the total low-side MOSFET on-resistance per phase at 25C. For this example, AD is 5, VR equals 1 V, R is approximately 0.6 m (assuming a 4-layer motherboard), and LX is 400 pH for the 10 OSCSON capacitors. (24)
(22)
Here, ILIM is the average current limit for the output of the supply. For our example, using 90 A for ILIM, we find RLIM to be 222.2 k, for which we chose 221 k as the nearest 1% value. The per phase current limit described earlier has its limit determined by the following: I PHLIM VCOMP ( MAX ) - VR - VBIAS AD x RDS ( MAX ) + IR 2 (23)
For the ADP3181, the maximum COMP voltage (VCOMP(MAX)) is 3.3 V, the COMP pin bias voltage (VBIAS) is 1.2 V, and the current balancing amplifier gain (AD) is 5. Using a VR of 0.7 V and a RDS(MAX) of 5.3 m (low-side on-resistance at 150C), the per-phase limit is 52 A. This limit can be adjusted by changing the ramp voltage, VR. Make sure not to set the per-phase limit lower than the average per-phase current (ILIM/n).
R E = n x RO + AD x RDS +
RL x VRT VVID
+
2 x L x (1 - n x D ) x VRT n x C X x RO x VVID
+ 2 x 600 nH x (1 - 0.375) x 0.63 V 3 x 6.56 mF x 1.3 m x 1.5 V = 37.9 m
RE = 3 x 1.3 m+ 5 x 4.2 m+
1.6 m x 0.63 V 1.5 V
TA = C X x (RO - R' ) +
375 pH 1.3 m- 0.6 m LX RO - R' x = 6.56 mF x (1.3 m- 0.6 m ) + x = 4.79 s RO RX 1.3 m 1.0 m
(25) (26)
TB = (RX + R'- RO ) x C X = (1.0 m + 0.6 m - 1.3 m ) x 6.56 mF = 1.97 ns
A x RDS 5 x 4.2 m 0.63 V x 600 nH - VRT x L - D 2 x 267 kHz 2 x f SW = 6.2 s = TC = VVID x RE 1.5 V x 37.9 m TD = C X x (RO - R' ) + C Z x RO
2 C X x CZ x RO
(27)
=
6.56 mF x (1.3 m- 0.6 m ) + 230 F x 1.3 m
6.56 mF x 230 F x 1.3 m2
= 521 ns
(28)
The compensation values can be solved using the following:
Rev. A | Page 20 of 24
ADP3181
CA = n x RO x TA RE x R B (29) CA = RA = CB = 3 x 1.3 m x 4.79 s 3.79 m x 1.33 k = 371 pF
CIN SELECTION AND INPUT CURRENT DI/DT REDUCTION
In continuous inductor-current mode, the source current of the high-side MOSFET is approximately a square wave with a duty ratio equal to n x VOUT/VIN and an amplitude of one-nth of the maximum output current. To prevent large voltage transients, a low ESR input capacitor sized for the maximum rms current must be used. The maximum rms capacitor current is given by
I CRMS = D x IO x 1 NxD (33) 1 - 1 = 10.5 A 3 x 0.125
6.2 s TC = = 16.7 k C A 371 pF
TB 1.97s = = 1.48 nF RB 1.33 k
(30)
(31)
CFB
T 521 ns = D= = 31.2 pF RA 16.7 k
(32)
I CRMS = 0.125 x 65 A x
Choosing the closest standard values for these components yields CA = 820 pF, RA = 7.87 k, CB = 1.2 nF, and CFB = 100 pF. These make a good starting point. Using the design spreadsheet yields more optimal compensation values; from the spreadsheet, CA = 680 pF, RA = 5.49 k, CB = 1.2 nF, and CFB = 68 pF.
B
Note that the capacitor manufacturer's ripple current ratings are often based on only 2,000 hours of life. This makes it advisable to further derate the capacitor, or to choose a capacitor rated at a higher temperature than required. Several capacitors may be placed in parallel to meet size or height requirements in the design. In this example, the input capacitor bank is formed by three 2,200 F, 16 V Nichicon capacitors with a ripple current rating of 3.5 A each. To reduce the input-current di/dt to below the recommended maximum of 0.1 A/s, an additional small inductor (L > 1 H @ 15 A) should be inserted between the converter and the supply bus. That inductor also acts as a filter between the converter and the primary power source.
Rev. A | Page 21 of 24
ADP3181
BUILDING A SWITCHABLE VR9/VR10 DESIGN
Some designs may require the ability to work with either a VR9or a VR10-based CPU, because both processors are available in the same package/pin count. To accomplish this, the voltage regulator must detect which processor is present and set the VID DAC and load line accordingly. This can be accomplished using the BOOTSELECT output from the CPU. Figure 12 shows how this signal is used to modify the load line and set the CPUID pin of the ADP3181 appropriately. To determine the values of x and y, start with the two load lines, ROL (smaller slope) and ROH (larger slope). First, follow the standard design procedure, which gives the values for RCS1, RCS2, and CCS for ROL. Tune RPH and CCS. Next, compute the values for RCS3 and CCS3 using the following: R RCS 3 = OH - 1 x RCS R OL (34)
CCS 3 =
CCS ROH R - 1 OL
(35)
In this case, ROL is 1.5 m and ROH is 3 m.
RTH 100k, 5%
TO PHASE INDUCTORS
SW1 23 SW2 22 SW3 21 RPH1 124k
ADP3181
SW4 20 GND 19 CSCOMP 18 CCS2 RCS1 1.5nF 35.7k RCS2 73.2k
RPH3 124k RPH2 124k RCS3
CSSUM 17 CSREF 16 ILIMIT 15
CCS1 2.2nF
CCS3 5VSB
100nF
2.7k 2N3905 10k
2N7001
100nF 10k BOOTSELECT 2N3904 10k
CPU NWD HI CPU PSC HI 100nF 51 TO APD3181 CPUID (PIN 6)
04796-0-010
BSS84
Figure 12. Connections to Allow Automatic Switching between VR9 and VR10 Operation
Rev. A | Page 22 of 24
ADP3181 LAYOUT AND COMPONENT PLACEMENT
The following guidelines are recommended for optimal performance of a switching regulator in a PC system.
Power Circuitry
The switching power path should be routed on the PCB to encompass the shortest possible length to minimize radiated switching noise energy (EMI) and conduction losses in the board. Failure to take proper precautions often results in EMI problems for the entire PC system and noise-related operational problems in the power converter control circuitry. The switching power path is the loop formed by the current path through the input capacitors and the power MOSFETs, including all interconnecting PCB traces and planes. The use of short and wide interconnection traces is especially critical in this path because it minimizes the inductance in the switching loop, which can cause high energy ringing. These traces also accommodate the high current demand with minimal voltage loss. Whenever a power-dissipating component (for example, a power MOSFET) is soldered to a PCB, the liberal use of vias, both directly on the mounting pad and immediately surrounding it, is recommended. Two important reasons for this are improved current rating through the vias and improved thermal performance from vias extended to the opposite side of the PCB where a plane can more readily transfer the heat to the air. Make a mirror image of any pad being used to heat sink the MOSFETs on the opposite side of the PCB to achieve the best thermal dissipation to the air around the board. To further improve thermal performance, use the largest possible pad area. The output power path should also be routed to encompass a short distance. The output power path is formed by the current path through the inductor, the output capacitors, and the load. For best EMI containment, a solid power ground plane should be used as one of the inner layers extending fully under all the power components.
GENERAL RECOMMENDATIONS
For good results, at least a 4-layer PCB is recommended. This should allow the needed versatility for control circuitry interconnections with optimal placement, power planes for ground, input, and output power, and wide interconnection traces in the rest of the power delivery current paths. Keep in mind that each square unit of 1 oz copper trace has a resistance of ~0.53 mW at room temperature. Whenever high currents must be routed between PCB layers, use vias liberally to create several parallel current paths so that the resistance and inductance introduced by these current paths are minimized and the via current rating is not exceeded. If critical signal lines (including the output voltage sense lines of the ADP3181) must cross through power circuitry, it is best if a signal ground plane can be interposed between those signal lines and the traces of the power circuitry. This serves as a shield to minimize noise injection into the signals at the expense of making signal ground a bit noisier. An analog ground plane should be used around and under the ADP3181 for referencing the components associated with the controller. This plane should be tied to the nearest output decoupling capacitor ground and should not tie to any other power circuitry to prevent power currents from flowing in it. The components around the ADP3181 should be located close to the controller with short traces. The most important traces to keep short and away from other traces are the FB and CSSUM pins. See Figure 6 for details on layout for the CSSUM node. The output capacitors should be connected as closely as possible to the load (or connector) that receives the power (for example, a microprocessor core). If the load is distributed, the capacitors should also be distributed and generally in proportion to where the load is more dynamic. Avoid crossing any signal lines over the switching power path loop as described in the following section.
Signal Circuitry
The output voltage is sensed and regulated between the FB pin and the FBRTN pin (which connects to the signal ground at the load). In order to avoid differential mode noise pickup in the sensed signal, the loop area should be small. Thus the FB and FBRTN traces should be routed adjacent to each other atop the power ground plane back to the controller. Connect the feedback traces from the switch nodes as close as possible to the inductor. The CSREF signal should be connected to the output voltage at the nearest inductor to the controller.
Rev. A | Page 23 of 24
ADP3181 OUTLINE DIMENSIONS
9.80 9.70 9.60
28
15
4.50 4.40 4.30 6.40 BSC
1 14
PIN 1 0.65 BSC 0.15 0.05 COPLANARITY 0.10 0.30 0.19 1.20 MAX 8 0 0.75 0.60 0.45
SEATING PLANE
0.20 0.09
COMPLIANT TO JEDEC STANDARDS MO-153-AE
Figure 13. 28-Lead Thin Shrink Small Outline Package [TSSOP] (RU-28) Dimensions shown in millimeters
0.390 BSC
28
15
0.154 BSC
1 14
0.236 BSC
PIN 1 0.065 0.049 0.069 0.053 8 0
0.010 0.004 COPLANARITY 0.004
0.025 BSC
0.012 0.008
SEATING PLANE
0.010 0.006
0.050 0.016
COMPLIANT TO JEDEC STANDARDS MO-137-AF
Figure 14. 28-Lead Shrink Small Outline Package [QSOP] (RQ-28) Dimensions shown in inches
ORDERING GUIDE
Part Number ADP3181JRUZ-REEL 1 ADP3181JRQZ-RL1, 2
1 2
Temperature Package 0C to +85C 0C to +85C
Package Description TSSOP--13" Reel QSOP--13" Reel
Package Outline RU-28 RQ-28
Quantity per Reel 2500 2500
Z = PB-free part. VRD10 only.
(c)2005 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D04796-0-7/05(A)
Rev. A | Page 24 of 24


▲Up To Search▲   

 
Price & Availability of ADP3181

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X